Part Number Hot Search : 
1N493 GP602 23N50 4428C SH7211F SI4833 BR262 LX5551
Product Description
Full Text Search
 

To Download SBL2030FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to - 220 f plastic - encapsulate diodes sbl 2 030, 35 , 40 , 45 , 50 fct schottky barrier rectifier features ? schottky barrier chip ? guard rin g die construction for transient protection ? low power loss,high efficiency ? high surge capability ? high current capability and low forward voltage drop ? for use in low voltage, high frequency inverters,free wheeling, and polarity protection applications maxi mum ratings ( t a =25 unless otherwise noted ) value unit symbol parameter sbl 2 0 30fct sbl 2 0 35fct sbl 2 0 40fct sbl 2 0 45fct sbl 2 0 50fct v rrm p eak repetitive reverse voltage v rwm working peak reverse voltage v r dc blo cking voltage 30 35 40 45 50 v v r(rms) rms reverse voltage 21 24.5 28 31.5 35 v i o average rectified output current 20 a i fsm non - repetitive peak f orward surge current 8.3ms half sine wave 150 a p d power d issipation 2 w r ja thermal r esistance from j unction to a mbient 50 /w t j junction t emperature 125 t stg s torage t emperature - 5 5 ~+ 150 to - 220 f 1. anode 2. cathode 3. anode 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b,mar,2013
electrical characteristics (t a =25 unless otherwise specified) parameter symb ol device test conditions m in typ m ax u nit sbl 2 030fct 30 sbl 2 0 35 fct 35 sbl 2 0 40 fct 40 sbl 2 0 45 fct 45 reverse voltage v (br) sbl 2 0 50 fct i r = 0. 5 m a 50 v sbl 2 030fct v r = 30 v sbl 2 0 35 fct v r = 35 v sbl 2 0 40 fct v r = 40 v sbl 2 0 45 fct v r = 45 v reverse c urrent i r sbl 2 0 50 fct v r = 50 v 0. 45 m a sbl 2 030 fct - 20 45 fct 0. 55 forward voltage v f sbl 2 050 fct i f = 1 0 a 0.7 v typical t otal capacitance c tot s b l 2 030 - 2 0 50 fct v r = 4 v,f=1mhz 600 pf electrical characteristics (t a =25 unless otherwise specified) parameter symb ol device test conditions m in typ m ax u nit sbl 2 030fct 30 sbl 2 0 35 fct 35 sbl 2 0 40 fct 40 sbl 2 0 45 fct 45 reverse voltage v (br) sbl 2 0 50 fct i r = 0. 5 m a 50 v sbl 2 030fct v r = 30 v sbl 2 0 35 fct v r = 35 v sbl 2 0 40 fct v r = 40 v sbl 2 0 45 fct v r = 45 v reverse c urrent i r sbl 2 0 50 fct v r = 50 v 0. 45 m a sbl 2 030 fct - 20 45 fct 0. 55 forward voltage v f sbl 2 050 fct i f = 1 0 a 0.7 v typical t otal capacitance c tot s b l 2 030 - 2 0 50 fct v r = 4 v,f=1mhz 600 pf 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification b,mar,2013


▲Up To Search▲   

 
Price & Availability of SBL2030FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X